Part Number Hot Search : 
SKY65014 AC11013 SC473 CY8C2032 VUO55 CS573H FST19330 MAXQ1852
Product Description
Full Text Search
 

To Download 19TQ015PBF08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94151 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 12-sep-08 1 schottky rectifier, 19 a 19tq015pbf vishay high power products features ? 125 c t j operation (v r < 5 v) ? optimized for or-ing applications ? ultralow forward voltage drop ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? lead (pb)-free (?pbf? suffix) ? designed and qualified for industrial level description the 19tq015pbf schottky rectif ier has been optimized for ultralow forward voltage drop specifically for the or-ing of parallel power supplies. the proprietary barrier technology allows for reliable operation up to 125 c junction temperature. typical applicatio ns are in parallel switching power supplies, converters, re verse battery protection, and redundant power subsystems. product summary i f(av) 19 a v r 15 v to-220ac anode 1 3 cathode base cathode 2 a v aila b le p b -free rohs* compliant major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 19 a v rrm 15 v i fsm t p = 5 s sine 700 a v f 19 apk, t j = 75 c 0.32 v t j range - 55 to 125 c voltage ratings parameter symbol 19tq015pbf units maximum dc reverse voltage v r 15 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 i f(av) 50 % duty cycle at t c = 80 c, rectangular waveform 19 a maximum peak one cycle non-repetitive surge current see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 700 10 ms sine or 6 ms rect. pulse 330 non-repetitive avalanche energy e as t j = 25 c, i as = 1.50 a, l = 6 mh 6.75 mj repetitive avalanche current i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 3 x v r typical 1.50 a * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com for technical questi ons, contact: diodes-tech@vishay.com document number: 94151 2 revision: 12-sep-08 19tq015pbf vishay high power products schottky rectifier, 19 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop see fig. 1 v fm (1) 19 a t j = 25 c 0.36 v 38 a 0.46 19 a t j = 75 c 0.32 38 a 0.43 maximum reverse leakage current see fig. 2 i rm (1) t j = 100 c, v r = 12 v 465 ma t j = 100 c, v r = 5 v 285 t j = 25 c v r = rated v r 10.5 t j = 100 c 522 maximum junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 2000 pf typical series inductance l s measured lead to lead 5 mm from package body 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction temperature range t j - 55 to 125 c maximum storage temperature range t stg - 55 to 150 maximum thermal resistance, junction to case r thjc dc operation see fig. 4 1.50 c/w typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 approximate weight 2g 0.07 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style to-220ac 19tq015
document number: 94151 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 12-sep-08 3 19tq015pbf schottky rectifier, 19 a vishay high power products fig. 1 - maximum forward voltage drop characterist ics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1000 100 10 1 v fm - forward voltage drop (v) t j = 25 c t j = 100 c t j = 75 c i f - instantaneous forward current (a) 0 0.1 1.4 0.2 0.4 0.6 0. 8 1.0 1.2 1000 100 10 1 v r - reverse voltage (v) i r - reverse current (ma) 0 0.1 15 5 10 t j = 100 c t j = 50 c t j = 75 c t j = 25 c 10 000 1000 v r - reverse voltage (v) c t - junction capacitance (pf) 0 100 30 520 10 15 25 t j = 25 c t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 single p u lse (thermal resistance) d = 0.50 d = 0.25 d = 0.17 d = 0.0 8 d = 0.33 . . p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questi ons, contact: diodes-tech@vishay.com document number: 94151 4 revision: 12-sep-08 19tq015pbf vishay high power products schottky rectifier, 19 a fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward powe r loss characteristics fig. 7 - maximum non-repetitive surge current fig. 8 - unclamped inductive test circuit i f(av) - average forward current (a) allowable case temperature (c) 8 0 8 5 90 95 100 105 dc 0 5 10 15 20 25 30 19tq015 r thjc (dc) = 1.50 c/ w i f(av) - average forward current (a) average power loss (w) 0 2 4 6 8 10 dc d = 0.0 8 d = 0.17 d = 0.25 d = 0.33 d = 0.50 rms limit 04 8 12 16 20 24 2 8 t p - square wave pulse duration (s) 100 1000 i fsm - non-repetitive surge current (a) at any rated load condition and w ith rated v rrm applied follo w ing s u rge 10 100 1000 10 000 c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
document number: 94151 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 12-sep-08 5 19tq015pbf schottky rectifier, 19 a vishay high power products ordering information table 1 - current rating (19 = 19 a) 2 - package: t = to-220 3 - schottky ?q? series 4 - voltage rating (015 = 15 v) 5 - none = standard production pbf = lead (pb)-free tube standard pack quantity: 50 pieces device code 5 13 24 19 t q 015 pbf links to related documents dimensions http://www.vishay.com/doc?95221 part marking information http://www.vishay.com/doc?95224
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 19TQ015PBF08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X